PART |
Description |
Maker |
NTE5655 NTE5657 |
TRIAC - 800mA Sensitive Gate
|
NTE[NTE Electronics]
|
T2322-D T2322B |
Sensitive gate Triac Silicon Bidirectional Thyristors(2.5A,200V敏感门三端双向可控硅晶闸 TRIAC 2.5A 200V Sensitive Gate Triacs
|
ON Semiconductor
|
WTD4A60S |
Sensitive Gate Triac
|
WINSEMI SEMICONDUCTOR
|
NTE56041 NTE56040 |
TRIAC, 4A Sensitive Gate
|
NTE[NTE Electronics]
|
HTN4A60S |
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|
FS0202MA00BU FS0201NA FS0201BA FS0201BB FS0201DA F |
600 V, sensitive gate SCR 400 V, sensitive gate SCR 200 V, sensitive gate SCR 800 V, sensitive gate SCR
|
Fagor Electronic Components Inc
|
CQ92MT CQ92BT |
TRIAC|200V V(DRM)|800MA I(T)RMS|TO-92 TRIAC|600V V(DRM)|800MA I(T)RMS|TO-92 可控硅| 600V的五(DRM)的| 800mA的我(T)的有效值|92
|
Orion Fans
|
MAC97A8RLRP |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ON Semiconductor
|
2N6073AG |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-225
|
ON Semiconductor
|
T0505XH T0509DH T0509SH T0509MH T0509NH T0509XH T0 |
From old datasheet system SENSITIVE GATE TRIACS 400 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 800 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BT138 BT138-600D BT138-600E BT138-800E BT138-600E1 |
4Q Triac 4Q双向可控 12 A four-quadrant triacs, sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 600 V; Package: SOT78 (TO-220AB); Container: Tube pack 12 A four-quadrant triacs, sensitive gate; Package: SOT78 (TO-220AB); Container: Tube pack
|
NXP Semiconductors N.V.
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|